PART |
Description |
Maker |
K3N5VU1000F-DGCTC |
16M-Bit (2Mx8 /1Mx16) CMOS MASK ROM Data Sheet
|
Samsung Electronic
|
K3P5C1000F-DGCTC |
16M-Bit (2Mx8 /1Mx16) CMOS MASK ROM Data Sheet
|
Samsung Electronic
|
MX29LV160BXBI-70 MX29LV160TXBI-70 MX29LV160ABXBI-7 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|48PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | BGA封装| 48PIN |塑料 EEPROM|FLASH|1MX16/2MX8|CMOS|TSSOP|48PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | TSSOP封装| 48PIN |塑料
|
Electronic Theatre Controls, Inc. Macronix International Co., Ltd.
|
KM23C16205DSG |
16M-Bit (1Mx16 /512Kx32) CMOS MASK ROM(16M(1Mx16 /512Kx32) CMOS掩膜ROM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
MX29LV160CTXBI-70 MX29LV160CBXBC-90G MX29LV160CBXB |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
Macronix International http://
|
MX29LV160BBTC-70 MX29LV160BTTC-70 MX29LV160B MX29L |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
|
MCNIX[Macronix International]
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
MX29LV160ATTC-90G |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
A23W8308 A23W8308L A23W8308H A23W8308M |
262,144 X 8 BIT CMOS MASK ROM 120ns/5.0V; 150ns/3.0V 262,144 x 8bit CMOS MASK ROM
|
AMIC Technology
|
BS616LV1622 BS616LV1622TIP70 BS616LV1622TC BS616LV |
Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable From old datasheet system Asynchronous 16M(2Mx8 or 1Mx16 Switchable) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
MX23L3214XI-10 MX23L3214TI-90 |
32M-BIT MASK ROM 2M X 16 MASK PROM, 100 ns, PBGA48 32M-BIT MASK ROM 2M X 16 MASK PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
A23L0616V A23L0616 A23L06161 A23L06161V A23L06162 |
1M X 16 / 2M X 8 BIT CMOS MASK ROM
|
AMICC[AMIC Technology]
|